PART |
Description |
Maker |
KIA8159FN |
1.5V Play-Back Stereo Headphone Driver(Built-In Auto-Reverse Pre-AMP,Dual OCL Power AMP,A Ripple Filter)(1.5V 可回放立体声耳机驱动内置自动反向前置放大器,双OCL功率放大器,波纹滤波)
|
KEC Holdings
|
AD8563 |
Auto Zero In-Amp
|
Analog Devices
|
LTC1199LIS8TRPBF LTC1199LIMS8TRPBF LTC1199LCMS8TRP |
10-Bit, 500ksps ADCs in MSOP with Auto Shutdown 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 10-Bit, 500ksps ADCs in MSOP with Auto Shutdown; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Analog to Digital Converter 模数转换
|
Linear Technology, Corp.
|
ISL12020MIRZ ISL12020MIRZ-T ISL12020M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN REAL TIME CLOCK, PDSO20 Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN T&R
|
Intersil Corporation Intersil, Corp.
|
TC913A TC913ACOA TC913ACPA TC913BCOA TC913BCPA TC9 |
The TC913 is a monolithic, auto-zeroed operational amplifier. Elimination of the external capacitors allows the designer to increase reliability, lower cost,and simplify design by lowering parts count. Since the TC913 is an auto-zeroing op Dual Auto-Zeroed Operational Amplifiers
|
MICROCHIP[Microchip Technology]
|
BYFR2504 |
25.0 Amp Y-LEAD BLOCK AUTO DIODES Low forward voltage drop
|
First Components Intern...
|
PMFR3502-3506 PMFR3504 PMFR3506 |
35.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
|
FCI connector First Components International
|
C0805C104M5RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 20%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C1210C225K5RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 2.2 F, 10, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C0805X474K5RACAUTO-17 |
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.47 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Automotive Grade
|
Kemet Corporation
|
|